PART |
Description |
Maker |
LT6001CMS8PBF LT6000IDCBTR LT6000CDCBPBF LINEARTEC |
Dual 1.8V, 13uA Precision Rail-to-Rail Op Amp; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 800 uV OFFSET-MAX, 0.05 MHz BAND WIDTH, PDSO8 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 85°C OP-AMP, 1200 uV OFFSET-MAX, 0.05 MHz BAND WIDTH, PDSO6 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1300 uV OFFSET-MAX, 0.05 MHz BAND WIDTH, PDSO16 QUAD OP-AMP, 1200 uV OFFSET-MAX, 0.05 MHz BAND WIDTH, PDSO16 Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT6014IS8 LT6013 LT6013ACDD LT6013ACS8 LT6013AIDD |
(LT6013 / LT6014) Rail-to-Rail Output Precision Op Amps U36D Series Large Can Aluminum Electrolytic Capacitor, Screw terminals, General Purpose Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps OP-AMP, 135 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, PDSO8 Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:45VDC; Capacitance:3900uF; Capacitance Tolerance: 20%; Leaded Process Compatible:No; Package/Case:76X105; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV 5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
|
Linear Technology, Corp. 运算放大 Linear Technology Corporation LINER[Linear Technology]
|
ADDAC71H-COB-V ADDAC71H-COB-I ADDAC71H-CSB-V ADDAC |
500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 16-Bit Digital-to-Analog Converter 16位数字到模拟转换
|
ATM Electronic, Corp. Carlo Gavazzi Bourns, Inc.
|
ISL28236FUZ-T7 ISL28236FBZ ISL28236FBZ-T7 |
5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
|
Intersil Corporation
|
LT6011 |
Dual 135礎, 14nV/rtHz, Rail-to-Rail Output Precision Op Amp
|
Linear
|
LT18811 |
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
|
Linear Technology
|
LT6014 |
Dual 145uA, 9.5nV, Rail-to-Rail Output Precision Op Amp
|
linear
|
AD8622ARMZ-REEL AD862209 AD8622ARZ-REEL AD8622ARZ- |
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
|
Analog Devices
|
LT1881A 18812F |
Dual Rail-to-Rail Output,Picoamp Input Precision Op Amps From old datasheet system
|
Linear
|
LT1633 LT1633CS LT1632CS8 LT1632CN8 16323F LT1632 |
From old datasheet system 45MHz/ 45V/us/ Dual/Quad Rail-to-Rail Input and Output Precision Op Amps 45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
|
LINER[Linear Technology]
|
ISL28478 ISL28478FAZ ISL28478FAZ-T7 ISL28278 ISL28 |
Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
|
http:// Intersil Corporation
|